PART |
Description |
Maker |
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
S506-3.15-R S500-100-R COOPERINDUSTRIES-S506-V-630 |
FUSE, ANTISURGE 3.15A TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE, QUICK BLOW 10 Cartridge Fuse; Current Rating:3.15A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), THROUGH HOLE Cartridge Fuse; Current Rating:6.3A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S506
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
TVSS-5 SS-5-1A-AP1 SS-5-2.5A-BK1 SS-5-2.5A-AP SS-5 |
TIME DELAY BLOW ELECTRIC FUSE, 1A, 250VAC, 35A (IR), THROUGH HOLE ROHS COMPLIANT TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 250VAC, 35A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-6.3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes Subminiature Fuses Subminiature Fuses SS-5 Series, Time-Delay
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
42R38-3122-200 42R38-3122-250 42R38-3222-250 42R38 |
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
42R35-3122-200 42R35-3126-200 42R35-3226-200 42R35 |
IEC 60320 COMBINATION FUSE HOLDER APPL. INLET, SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
1020050000 1020000000 1024700000 |
Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
|
Weidmuller
|
CR-A2201 PR-21675 X99284-V3 |
NO HOLES IN TERMINALS TERMINALS ARE PLATED SWITCH MATERIALS WILL WITHSTAND TEMPERATURE OF 300
|
Honeywell Solid State Electronics Center Honeywell Solid State Elect...
|